Part Number Hot Search : 
2SA1757 MMBZ5239 CSR0204 AP7361 L1035 NDP605A 2SD13 BU250
Product Description
Full Text Search
 

To Download 043006090300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Power Relay 430
I I I I I I I
1 pole 16 A or 2 pole 10 A in NO, CO and NC versions DC- and AC-coil 4 kV / 8 mm coil-contact PCB mounting or quick connect terminals Mounting brackets or snap mounting Product in accordance to IEC60335-1 RoHS compliant (Directive 2002/95/EC) as per product date code 0349
Applications
F0257-A
Motors, electro valves
Approvals
V 1 pole: REG.-Nr. A548, 2on request A516, Z E214025 pole: REG.-Nr. Technical data of approved types
Contact data 1-pole 2-pole
Contact configuration 1CO, 1NO, 1NC 2CO, 2NO, 2NC Contact set single contact single contact Type of interruption micro disconnection micro disconnection Rated current 16 A 10 A Rated voltage / max.switching voltage AC 240/400 VAC 240/400 VAC Maximum breaking capacity AC 4000 VA 2500 VA Limiting making capacity, max 4 s, duty factor 10% 25 A 15 A Contact material AgCu3, AgCdO AgCu3, AgCdO 5 Mechanical endurance > 2,5x10 cycles Rated frequency of operation with / without load 15 / 600 min-1 Contact Type 1 pole 2 pole ratings Load 16 A, 250 VAC, resistive 10 A, 250 VAC, resistive Cycles 2,5x105 2,5x105
Coil data
Rated coil voltage range DC coil AC coil Coil power DC coil AC coil Operative range 6...110 VDC 6...240 VAC 1W 1,8 VA 2
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 09 12 7.8 0.6 145+10% 993 10 24 15.6 1.2 580+10% 993 11 48 31.2 2.4 2200+10% 1047 13 110 71.5 5.5 13000+10% 931 03 60 42.0 4.5 7500+10% 480 Coil versions, AC-coil 50Hz Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VAC VAC VAC Ohm VA 03 24 18.0 3.6 200+10% 1.8 05 60 45.0 9.0 1250+10% 1.8 06 110 83.0 16.0 4500+10% 1.8 07 230 170.0 35.0 17500+10% 1.8 03 60 42.0 4.5 7500+10% 1.8 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power Relay 430 (Continued)
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 4000 Vrms 1000 Vrms W 8/8 mm W 3/4 mm W IIIa PTI 380M reinforced functional basic 250 V 3 230/400 V III
PCB layout / terminal assignment
Bottom view on solder pins
PCB version, 1 CO contact
S0448-AA
Other data
RoHS - Directive 2002/95/EC Ambient temperature range Operate- / release time Bounce time NO / NC contact Category of protection Mounting Resistance to soldering heat Relay weight Packaging unit compliant as per product date code 0349 -20...+70C typ. 18 / 3 ms typ. 3 ms RTI - dust protected pcb, mounting brackets, snap mounting, DIN rail 270C / 10 s 32 g 50 pcs PCB version, 2 CO contacts
S0448-AB
Dimensions
Snap mounting
S0448-AC
S0448-AD
Dimensions
S0449-AA S0449-AI
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power Relay 430 (Continued)
Dimensions
Mounting brackets
DIN-rail mount
S0449-AK
S0449-AC
S0449-AE
Product key Type Mounting 0 PCB version 2 1 mounting brackets 5 Version 6 1 pole 7 2 pole Coil Coil code: please refer to coil versions table Contact material 0 AgCu 3 1 Contact configuration 1 1 NO contact 4 2 1 NC contact 5 3 1 CO contact 6 Other types on request
0430
00
snap mounting DIN-rail mounting
AgCdO 2 NO contacts 2 NC contacts 2 CO contacts
Product key 0430 16 0911 0430 16 1011 0430 16 1013 0430 17 0916 0430 17 1016 0430 26 0713 0430 27 0716
00 00 00 00 00 00 00
Version mounting brackets
Cont-material AgCdO
Cont.configuration 1 NO contact 1 CO contact 2 CO contacts
Coil DC-coil
Coil 12 VDC 24 VDC 12 VDC 24 VDC 220 VAC
snap mounting 1.0mm plate
1 CO contact 2 CO contacts
AC-coil
Part number 8-1415430-1 8-1415430-3 8-1415430-5 0-1415404-1 0-1415404-4 2-1415404-3 2-1415404-8
3
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of 043006090300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X